PART |
Description |
Maker |
74VCX16244 |
Low Voltage 16-Bit Buffer/Line Driver with
|
Fairchild
|
74VCXH162244 |
Low Voltage 16-Bit Buffer/Line Driver with Bushold
|
Fairchild
|
74LCXH16244_05 74LCXH16244 74LCXH16244G 74LCXH1624 |
Low Voltage 16-Bit Buffer/Line Driver with Bushold
|
FAIRCHILD[Fairchild Semiconductor]
|
74LVTH162240 74LVT162240 74LVT162240MEAX 74LVT1622 |
Low Voltage 16-Bit Inverting Buffer/Line Driver with 3-STATE Outputs and 25-Ohm Series Resistors in the Outputs Low Voltage 16-Bit Inverting Buffer/Line Driver with 3-STATE Outputs and 25 Ohm Series Resistors in the Outputs Quad 4-Bit Buffer/Driver 1K, 128 x 8, 2.5V SER EE, -40C to 85C, 8-MSOP, T/R 位缓冲器/驱动 1K, 128 X 8, 2.5V SER EE, -40C to 125C, 8-MSOP, T/R
|
Fairchild Semiconductor Ohmite Mfg. Co.
|
74VCX162827MTD 74VCX162827 74VCX162827MTDX |
Low Voltage 20-Bit Buffer/Line Driver with 3.6V Tolerant Inputs and Outputs and 26Ω Series Resistors in the Outputs Low Voltage 20-Bit Buffer Line Driver with 3.6V Tolerant Inputs and Outputs and 26 Series Resistors in the Outputs Low Voltage 20-Bit Buffer/Line Driver with 3.6V Tolerant Inputs and Outputs and 26 Ohm Series Resistors in the Outputs
|
FAIRCHILD[Fairchild Semiconductor]
|
74ALVC162827 74ALVC162827T 74ALVC162827TX |
Low Voltage 20-Bit Buffer/Line Driver with 3.6V Tolerant Inputs and Outputs and 26 Ohm Series Resistors in the Outputs Low Voltage 20-Bit Buffer/Line Driver with 3.6V Tolerant Inputs and Outputs and 26-Ohm Series Resistors in the Outputs Low Voltage 20-Bit Buffer/Line Driver with 3.6V Tolerant Inputs and Outputs and 26 Series Resistors in the Outputs Low Voltage 20-Bit Buffer/Line Driver with 3.6V Tolerant Inputs and Outputs and 26з Series Resistors in the Outputs
|
FAIRCHILD[Fairchild Semiconductor]
|
74VCX1682702 MTD56 74VCX16827 74VCX16827MTD 74VCX1 |
Low Voltage 20-Bit Buffer/Line Driver with 3.6V Tolerant Inputs and Outputs
|
IRF[International Rectifier] FAIRCHILD[Fairchild Semiconductor]
|
74LCXH16244 74LCXH16244GX 74LCXH16244MTDX 74LCXH16 |
From old datasheet system Low Voltage 16-Bit Buffer/Line Driver with Bushold
|
Fairchild Semiconductor
|
74VCX16240 |
Low Voltage 16-Bit Inverting Buffer/Line Driver with From old datasheet system
|
Fairchild
|
74VCX16827 74VCX16827MTD 74VCX16827MTDX 74VCX16827 |
Low Voltage 20-Bit Buffer/Line Driver with 3.6V Tolerant Inputs and Outputs Dual 10-Bit Buffer/Driver ALVC/VCX/A SERIES, DUAL 10-BIT DRIVER, TRUE OUTPUT, PDSO56 From old datasheet system
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
74ABT162244 74ABT162244DGG 74ABT162244DL 74ABTH162 |
16-bit buffer/line driver with 30ohm series termination resistors 3-State 16-bit buffer/line driver with 30W series termination resistors (3-State) Terminate the electric resistance with a series of 16 the buffer of a littles/ line driver(3- state) 16-Bit Buffer/Line DriverWith 30Ω Series Termination Resistors(3-State)(16位缓冲器/线驱动器(三态)) Octal bus transceivers 20-SOIC 0 to 70 16-bit buffer/line driver with 30 Ohm series termination resistors (3-State)
|
PHILIPS[Philips Semiconductors] NXP Semiconductors N.V.
|
74LCX16240 74LCX16240MEA 74LCX16240MTD |
Low Voltage 16-Bit Inverting Buffer/Line Driver with 5V Tolerant Inputs/Outputs
|
Fairchild Semiconductor
|